Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G5A2-RPT01-E Fiches technique(PDF) 21 Page - Omron Electronics LLC

No de pièce 3G5A2-RPT01-E
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-E Fiches technique(HTML) 21 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-E Datasheet HTML 17Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 18Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 19Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 20Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 21Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 22Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 23Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 24Page - Omron Electronics LLC 3G5A2-RPT01-E Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 182 page
background image
8
SYSMAC LINK System
Networks can also be created using SYSMAC LINK Systems. A SYSMAC LINK
System can consist of up to 62 PCs, including the CV500, CV1000, CV2000,
CVM1, C200H, C1000H, and C2000H. Communications between the PCs is ac-
complished via datagrams, data transfers, or automatic data links in ways simi-
lar to the SYSMAC NET Link System.
The main differences between SYSMAC NET Link and SYSMAC LINK Systems
is in the structure of automatic data links and in the system configuration, e.g.,
only PCs can be linked in SYSMAC LINK Systems, whereas other devices can
form nodes in SYSMAC NET Link Systems.
Datagrams transmit and receive data using a command/response format. Com-
mands can be issued from the user program by the DELIVER COMMAND in-
struction (CMND(194)).
Data can also be transmitted and received using the NETWORK SEND and
NETWORK RECEIVE (SEND(192)/RECV(193)) instructions in the user pro-
gram. Up to 256 words of data can be transferred for each instruction.
Automatic data links allow PCs and computers to create common data areas.
SYSMAC LINK Unit
CV500-SLK11 (optical)
CV500-SLK21 (wired)
Up to 4 Units can
be mounted.
CV-series
CPU Rack/Expansion CPU Rack
CV500/CV1000/
CV2000/CVM1
C200H/C1000H/
C2000H
Note Up to four SYSMAC LINK Units (CV500-SLK11/21) can be mounted the CPU
Rack and/or Expansion CPU Rack of each CV-series PC.
Networks and Remote I/O Systems
Section 1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More