| Moteur de recherche de fiches techniques de composants électroniques |
|
3G5A2-RPT01-E Fiches technique(PDF) 137 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G5A2-RPT01-E Fiches technique(HTML) 137 Page - Omron Electronics LLC |
|
137 / 182 page ![]() Appendix B Specifications 124 Special Considerations for C500-OA225 The maximum current value allowed per output point depends on the ambient temperature and the number of points per common that are ON simultaneously. The graph below shows the relationship between the allowable current per point and the number of points ON per common. Be sure not to exceed the values shown in the graph. 1.0 0.8 0.6 0.4 0.2 01 2 3 456 7 8 Current value per point (A) Number of points per common that can be turned ON simultaneously. 25 °C 40 °C 55 °C Environment temperature Number of Points per Common Turned ON Simultaneously The graph below shows the value of the surge current and the time it takes the current to reach a steady state (current-carrying time). The curved line in the graph represents the maximum value of surge current at which the Unit can operate properly. It is suggested that when opening and closing a load with a large surge current, to keep the value of the surge current to half the value shown the graph (within the shaded area). 0 10 5 15 10 30 50 100 200 500 1,000 5.000 Surge Current (A. Peak) Current-carrying time (ms) |