Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G5A2-RPT01-PE Fiches technique(PDF) 137 Page - Omron Electronics LLC

No de pièce 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Fiches technique(HTML) 137 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 133Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 134Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 135Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 136Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 137Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 138Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 139Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 140Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 141Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 182 page
background image
Appendix B
Specifications
124
Special Considerations for C500-OA225
The maximum current value allowed per output point depends on the ambient temperature and the number of
points per common that are ON simultaneously. The graph below shows the relationship between the allowable
current per point and the number of points ON per common. Be sure not to exceed the values shown in the graph.
1.0
0.8
0.6
0.4
0.2
01
2
3
456
7
8
Current
value per
point (A)
Number of points per common that
can be turned ON simultaneously.
25
°C
40
°C
55
°C
Environment temperature
Number of Points per Common Turned ON Simultaneously
The graph below shows the value of the surge current and the time it takes the current to reach a steady state
(current-carrying time). The curved line in the graph represents the maximum value of surge current at which the
Unit can operate properly. It is suggested that when opening and closing a load with a large surge current, to keep
the value of the surge current to half the value shown the graph (within the shaded area).
0
10
5
15
10
30
50
100 200
500
1,000
5.000
Surge
Current
(A. Peak)
Current-carrying time (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More