Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G5A2-RPT01-PE Fiches technique(PDF) 78 Page - Omron Electronics LLC

No de pièce 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Fiches technique(HTML) 78 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 74Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 75Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 76Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 77Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 78Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 79Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 80Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 81Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 82Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 182 page
background image
65
Output Surge Current
When connecting a Transistor or Triac Output Unit to an output device having a
high surge current (such as an incandescent lamp), care must be taken to avoid
damage to the Output Unit. The Transistor and Triac Output Units are capable of
withstanding a surge current of ten times the rated current. If the surge current
for a particular device exceeds this amount, use one of the following circuit con-
figurations to protect the Output Unit.
OUT
COM
L
R
+
The above circuit protects the Output Unit by letting the load draw a small current
(about one third the rated current) while the output is OFF, significantly reducing
the surge current. The following circuit reduces the surge current by employing a
current-limiting resistor.
L
OUT
COM
+
R
A Transistor Output Unit’s output cannot be directly connected to a TTL input
because of the transistor’s residual voltage. When connecting TTL circuits to
transistor Output Units, connect a pull-up resistor and a CMOS IC between the
two.
3-5-3 Wiring Examples
The following examples illustrate how to connect I/O devices to I/O Units. During
wiring, work slowly and carefully. If an input device is connected to an Output
Unit, damage may result. Check all I/O devices to make sure they meet the spec-
ifications (refer to
Appendix B Specifications). Be sure to allow for leakage cur-
rents and load inductance.
Input Units
DC Input Units
COM
Contact output
IN
DC input
Transistor Output Residual
Voltage
Wiring I/O Units
Section 3-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More