Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70-08SFILM Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce BAS70-08SFILM
Description  Low capacitance, low series inductance and resistance Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-08SFILM Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button BAS70-08SFILM Datasheet HTML 6Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 7Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 8Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 9Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 10Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 11Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 12Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 13Page - STMicroelectronics BAS70-08SFILM Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BAS70
Ordering information
Doc ID 12563 Rev 2
13/14
4
Ordering information
5
Revision history
Table 13.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
BAS70ZFILM
Z70
SOD-123
10 mg
3000
Tape and reel
BAS70FILM
D76
SOT-23 Single
10 mg
3000
Tape and reel
BAS70-04FILM
D96
SOT-23 Series
10 mg
3000
Tape and reel
BAS70-05FILM
D97
SOT-23
Common cathode
10 mg
3000
Tape and reel
BAS70-06FILM
D98
SOT-23
Common anode
10 mg
3000
Tape and reel
BAS70WFILM
D28
SOT-323 Single
6 mg
3000
Tape and reel
BAS70-04WFILM
D31
SOT-323 Series
6 mg
3000
Tape and reel
BAS70-05WFILM
D30
SOT-323
Common cathode
6 mg
3000
Tape and reel
BAS70-06WFILM
D29
SOT-323
Common anode
6 mg
3000
Tape and reel
BAS70-08SFILM
D33
SOT323-6L 3 Parallel
6 mg
3000
Tape and reel
BAS70JFILM
76
SOD-323
5 mg
3000
Tape and reel
BAS70KFILM
76
SOD-523
1.4 mg
3000
Tape and reel
BAS70-07P6FILM
P7
SOT-666 2 Parallel
2.9 mg
3000
Tape and reel
BAS70-09P6FILM
Q7
SOT-666 2 Opposite
2.9 mg
3000
Tape and reel
Table 14.
Document revision history
Date
Revision
Changes
24-Jul-2006
1
BAS70J / W datasheets merged. ECOPACK statement added. SOD-
523 and SOT-666 packages added.
12-Oct-2009
2
Updated Table 8 quote “L1” from 0.10 to 0.05.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14