| Moteur de recherche de fiches techniques de composants électroniques |
|
M24256-DF Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256-DF Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 40 page ![]() DC and AC parameters M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF 30/40 Doc ID 6757 Rev 30 Figure 12. Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz Figure 13. Maximum Rbus value versus bus parasitic capacitance Cbus) for an I2C bus at maximum frequency fC = 1MHz |