| Moteur de recherche de fiches techniques de composants électroniques |
|
M24256-BFDW6TP Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256-BFDW6TP Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 40 page ![]() M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF Device operation Doc ID 6757 Rev 30 11/40 4 Device operation The device supports the I2C protocol. This is summarized in Figure 6. Any device that sends data on to the bus is defined to be a transmitter, and any device that reads the data to be a receiver. The device that controls the data transfer is known as the bus master, and the other as the slave device. A data transfer can only be initiated by the bus master, which will also provide the serial clock for synchronization. The device is always a slave in all communications. Figure 6. I2C bus protocol SCL SDA SCL SDA SDA START Condition SDA Input SDA Change AI00792B STOP Condition 1 23 7 89 MSB ACK START Condition SCL 1 23 7 89 MSB ACK STOP Condition |