Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83848JSQ Fiches technique(PDF) 15 Page - Texas Instruments

No de pièce DP83848JSQ
Description  DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DP83848JSQ Fiches technique(HTML) 15 Page - Texas Instruments

Back Button DP83848JSQ Datasheet HTML 11Page - Texas Instruments DP83848JSQ Datasheet HTML 12Page - Texas Instruments DP83848JSQ Datasheet HTML 13Page - Texas Instruments DP83848JSQ Datasheet HTML 14Page - Texas Instruments DP83848JSQ Datasheet HTML 15Page - Texas Instruments DP83848JSQ Datasheet HTML 16Page - Texas Instruments DP83848JSQ Datasheet HTML 17Page - Texas Instruments DP83848JSQ Datasheet HTML 18Page - Texas Instruments DP83848JSQ Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
www.national.com
14
1.10 PACKAGE PIN ASSIGNMENTS
NSQAU040
Pin #
Pin Name
(DP83848J)
1IO_VDD
2TX_CLK
3
TX_EN
4TXD_0
5TXD_1
6TXD_2
7TXD_3
8
RESERVED
9
RESERVED
10
RESERVED
11
RD-
12
RD+
13
AGND
14
TD -
15
TD +
16
PFBIN1
17
AGND
18
AVDD33
19
PFBOUT
20
RBIAS
21
LED_SPEED/AN1
22
LED_LINK/AN0
23
RESET_N
24
MDIO
25
MDC
26
IOVDD33
27
X2
28
X1
29
DGND
30
PFBIN2
31
RX_CLK
32
RX_DV/MII_MODE
33
CRS/CRS_DV/LED_CFG
34
RX_ER/MDIX_EN
35
COL/PHYAD0
36
RXD_0/PHYAD1
37
RXD_1/PHYAD2
38
RXD_2/PHYAD3
39
RXD_3/PHYAD4
40
IOGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80