| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS-EXL29-300-R0 Fiches technique(PDF) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
ATS-EXL29-300-R0 Fiches technique(HTML) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
1 / 1 page ![]() For more information, to find a distributor or to place an order, visit www.Qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe). ATS PART # ATS-EXL29-300-R0 Features & Benefits ATS Extrusion Profiles *Image above is for illustration purposes only. NoTES: Thermal curve based on 76 mm length. Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Contact ATS to learn about custom options available. 1) 2) 3) 4) 304.8 mm 186.44 mm 33.32 mm 1.78 mm 7.92 mm NONE Thermal Performance HEAT SINK THERMAL RESISTANCE Product Details Aluminum extrusions are the most cost- effective solution for the majority of electronic cooling applications This extrusion profile has 24 fins Extrusion type is straight fin, AL-6063 Surface area (in2/in) is 62.30 » » » » LENGTH WIDTH HEIGHT FIN SPACING BASE THICKNESS FINISH |
Numéro de pièce similaire - ATS-EXL29-300-R0 |
|
Description similaire - ATS-EXL29-300-R0 |