| Moteur de recherche de fiches techniques de composants électroniques |
|
BA00ASFP-E2 Fiches technique(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA00ASFP-E2 Fiches technique(HTML) 2 Page - Rohm |
|
2 / 11 page ![]() BA ΟΟST / BAΟΟSFP series Regulator ICs 2/11 ! ! ! ! Block diagram 4 5 2 3 1 OUT − + REFERENCE VOLTAGE GND VCC CTL C 4 2 3 1 OUT − + + + GND VCC CTL Variable output type (BA00AST / ASFP) Fixed output type REFERENCE VOLTAGE ! ! ! ! Pin descriptions Pin name 1 CTL Output ON/OFF 2VCC 3 GND 4 OUT 5 C N.C. Power supply input Ground Output Pin No. Function Reference power supply pin for setting voltage with the BA00AST/ASFP. In the BAOOST/SFP Series, these are NC pins, except for the BA00AST/ASFP. |