Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

82575EB Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Fiches technique(HTML) 21 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 17Page - Intel Corporation 82575EB Datasheet HTML 18Page - Intel Corporation 82575EB Datasheet HTML 19Page - Intel Corporation 82575EB Datasheet HTML 20Page - Intel Corporation 82575EB Datasheet HTML 21Page - Intel Corporation 82575EB Datasheet HTML 22Page - Intel Corporation 82575EB Datasheet HTML 23Page - Intel Corporation 82575EB Datasheet HTML 24Page - Intel Corporation 82575EB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Pinout/Signal Name — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
21
SRDS0_SIG_DET
A9
SRDSI_1_P
T23
SRDSI_1_N
T24
SRDSO_1_P
R23
SRDSO_1_N
R24
SRDS1_SIG_DET
A10
SER_RCOMP
L22
RSVDM23_NC
M23
RSVDM24_NC
M24
SFP0_I2C_CLK/MDC0
AD19
SFP0_I2C_DATA/MDIO0
AD18
SFP1_I2C_CLK/MDC1
AC19
SFP1_I2C_DATA/MDIO1
AC18
LED0_0
A19
LED0_1
B19
LED0_2
B18
LED0_3
A18
LED1_0
AD13
LED1_1
AC11
LED1_2
AC13
LED1_3
AC12
MDI0_P_0
C24
MDI0_N_0
C23
MDI0_P_1
D24
MDI0_N_1
D23
MDI0_P_2
F24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62