| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS-53310P-C1-R0 Fiches technique(PDF) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
ATS-53310P-C1-R0 Fiches technique(HTML) 1 Page - Advanced Thermal Solutions, Inc. |
|
|
1 / 1 page ![]() Product Details DIMENSION A DIMENSION B DIMENSION C DIMENSION D INTERFACE MATERIAL FINISH Notes: Dimensions are measureD in millimeters Dimensions a & B refer to component size Dimension c = the height of the heat sink shown aBove anD Does not incluDe the height of the attachment methoD ats reserves the right to upDate or change it proDucts without notice contact ats to learn aBout custom options availaBle 1) 2) 3) 4) 5) thermal Performance For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe). ATS PART # ATS-53310P-C1-R0 Features & Benefits High Performance BGA Cooling Solutions with maxiGRIP™ Attachment REV1_0908 AIR VELOCITy THERMAL RESISTANCE ft/min m/s °c/w (unDucteD flow) °c/w (DucteD flow) 200 1.0 300 1.5 400 2.0 500 2.5 600 3.0 700 3.5 800 4.0 4.7 3.8 3.3 2.9 2.7 2.5 2.4 3.1 31 mm 31 mm 17.5 mm 31 mm Blue anoDizeD chomerics t766 high aspect ratio, straight fin heat sinks that are ideal for compact pcB environments maxigrip™ attachment applies steady, even pressure to the component and does not require holes in the pcB Designed specifically for Bgas and other surface mount packages meets telcordia gr-63-core office vibration, etsi 300 019 transportation vibration, and mil-stD-810 shock testing and unpackaged Drop testing standards comes preassembled with high performance, phase change, thermal interface material “keep-out” requirements: an “un-populated” boarder zone of 5 mm around the component is necessary to facilitate the installation/ removal of the maxigrip™. please refer to the maxigrip™ keep- out guidelines and maxigrip™ installation/removal instructions for further details » » » » » » *Image above is for illustration purposes only. |
Numéro de pièce similaire - ATS-53310P-C1-R0 |
|
Description similaire - ATS-53310P-C1-R0 |