Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDC-R160-41P1-TG30 Fiches technique(PDF) 2 Page - 3M Electronics

No de pièce HDC-R160-41P1-TG30
Description  HDC Socket .100” Vertical Mount, PCB/Backplane, Solder Tail or Press-Fit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

HDC-R160-41P1-TG30 Fiches technique(HTML) 2 Page - 3M Electronics

  HDC-R160-41P1-TG30 Datasheet HTML 1Page - 3M Electronics HDC-R160-41P1-TG30 Datasheet HTML 2Page - 3M Electronics HDC-R160-41P1-TG30 Datasheet HTML 3Page - 3M Electronics HDC-R160-41P1-TG30 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ HDC Socket
.100” Vertical Mount, PCB/Backplane, Solder Tail or Press-Fit
HDC Series
TS-1138-E
Sheet 2 of 3
4-Row Single Bay
Inch
[mm]
±.005
±.1 ±.01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only



Html Pages

1 2 3 4