| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV2211CDBVR Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVR Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 31 page ![]() TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) With a total area of 5.6mm2, the SOT-23 package only requires one-third the board space of the standard 8-pin SOIC package. This ultra-small package allows designers to place single amplifiers very close to the signal source, minimizing noise pick-up from long PCB traces. TI has also taken special care to provide a pinout that is optimized for board layout (see Figure 2). Both inputs are separated by GND to prevent coupling or leakage paths. The OUT and IN− terminals are on the same end of the board to provide negative feedback. Finally, gain setting resistors and decoupling capacitor are easily placed around the package. VI VDD+ OUT IN − VDD/GND IN + C RI RF GND V+ VO 1 2 3 4 5 Figure 2. Typical Surface Mount Layout for a Fixed-Gain Noninverting Amplifier |