Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN380 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce VN380
Description  SMART SOLENOID DRIVER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN380 Fiches technique(HTML) 7 Page - STMicroelectronics

  VN380 Datasheet HTML 1Page - STMicroelectronics VN380 Datasheet HTML 2Page - STMicroelectronics VN380 Datasheet HTML 3Page - STMicroelectronics VN380 Datasheet HTML 4Page - STMicroelectronics VN380 Datasheet HTML 5Page - STMicroelectronics VN380 Datasheet HTML 6Page - STMicroelectronics VN380 Datasheet HTML 7Page - STMicroelectronics VN380 Datasheet HTML 8Page - STMicroelectronics VN380 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.6
0.8
0.024
0.031
F1
0.9
0.035
G
2.41
2.54
2.67
0.095
0.100
0.105
G1
4.91
5.08
5.21
0.193
0.200
0.205
G2
7.49
7.62
7.8
0.295
0.300
0.307
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L
16.97
0.668
L1
14.92
0.587
L2
21.54
0.848
L3
22.62
0.891
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
M
2.8
0.110
M1
5.08
0.200
Dia
3.65
3.85
0.144
0.152
P023A
HEPTAWATT (VERTICAL) MECHANICAL DATA
VN380
7/9



Html Pages

1 2 3 4 5 6 7 8 9