Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USBLC6-2SC6Y Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce USBLC6-2SC6Y
Description  Very low capacitance ESD protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2SC6Y Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button USBLC6-2SC6Y Datasheet HTML 6Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 7Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 8Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 9Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 10Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 11Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 12Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 13Page - STMicroelectronics USBLC6-2SC6Y Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
USBLC6-2
Ordering information
Doc ID 11265 Rev 5
13/14
5
Ordering information
6
Revision history
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
USBLC6-2SC6
UL26
SOT23-6L
16.7 mg
3000
Tape and reel
USBLC6-2P6
F
SOT-666
2.9 mg
3000
Tape and reel
Table 6.
Document revision history
Date
Revision
Changes
14-Mar-2005
1
First issue.
07-Jun-2005
2
Format change to figure 3; no content changed.
20-Mar-2008
3
Added marking illustrations - Figures 21 and 23. Added
ECOPACK statement. Updated operating junction temperature
range in absolute ratings, page 2. Technical information section
updated. Reformatted to current standards.
27-Jun-2011
4
Updated leakage current for VRM = 5.25 V as specified in USB
standard. Updated marking illustrations Figure 21 and Figure 23.
24-Oct-2011
5
Updated legal statement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14