| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9912ABCPZ Fiches technique(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9912ABCPZ Fiches technique(HTML) 38 Page - Analog Devices |
|
38 / 40 page ![]() AD9912 Rev. F | Page 38 of 40 Register 0x0503—Spur A (Continued) Table 38. Bits Bit Name Description [7:0] Spur A phase Linear offset for Spur B phase. Register 0x0504—Spur A (Continued) Table 39. Bits Bit Name Description [8] Spur A phase Linear offset for Spur A phase. Register 0x0505—Spur B Table 40. Bits Bit Name Description 7 HSR-B enable Harmonic Spur Reduction B enable. 6 Amplitude gain × 2 Setting this bit doubles the gain of the cancelling circuit and also doubles the minimum step size. [5:4] Reserved Reserved. [3:0] Spur B harmonic Spur B Harmonic 1 to Spur B Harmonic 15. Allows user to choose which harmonic to eliminate. Register 0x0506—Spur B (Continued) Table 41. Bits Bit Name Description [7:0] Spur B magnitude Linear multiplier for Spur B magnitude. Register 0x0508—Spur B (Continued) Table 42. Bits Bit Name Description [7:0] Spur B phase Linear offset for Spur B phase. Register 0x0509—Spur B (Continued) Table 43. Bits Bit Name Description 8 Spur B phase Linear offset for Spur B phase. |