Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR5045ARTZ-R2 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADR5045ARTZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR5045ARTZ-R2 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADR5045ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 11Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 12Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 13Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 14Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 15Page - Analog Devices ADR5045ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. B | Page 13 of 16
OUTLINE DIMENSIONS
ALL DIMENSIONS COMPLIANT WITH EIAJ SC70
0.40
0.25
0.10 MAX
1.00
0.80
1.10
0.80
0.40
0.10
0.26
0.10
0.30
0.20
0.10
2
1
3
0.65 BSC
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
COPLANARITY
0.10
SEATING
PLANE
Figure 24. 3-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-3)
Dimensions shown in millimeters
3.04
2.90
2.80
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
1.40
1.30
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.25
0.54
REF
GAUGE
PLANE
0.60 MAX
0.30 MIN
1.02
0.95
0.88
Figure 25. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16