| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7846AP Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7846AP Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() AD7846 Rev. G | Page 21 of 24 1 28 5 11 18 BOTTON VIEW 19 25 26 4 12 0.15 (3.81) REF 0.075 (1.91) REF 0.028 (0.71) 0.022 (0.56) 0.300 (7.62) REF 0.055 (1.40) 0.045 (1.14) 0.075 (1.91) REF 0.020 (0.51) MIN 0.05 (1.27) 0.095 (2.41) 0.075 (1.90) 0.458 (11.63) 0.442 (11.23) SQ 0.458 (11.63) MAX SQ 0.100 (2.54) 0.064 (1.63) 0.088 (2.24) 0.054 (1.37) CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN Figure 34. 28-Terminal Ceramic Leadless Chip Carrier [LCC] (E-28-1) Dimensions shown in inches and (millimeters) COMPLIANT TO JEDEC STANDARDS MO-047-AB CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN. 4 5 26 25 11 12 19 18 TOP VIEW (PINS DOWN) SQ 0.456 (11.582) 0.450 (11.430) 0.050 (1.27) BSC 0.048 (1.22) 0.042 (1.07) 0.048 (1.22) 0.042 (1.07) 0.495 (12.57) 0.485 (12.32) SQ 0.021 (0.53) 0.013 (0.33) 0.430 (10.92) 0.390 (9.91) 0.032 (0.81) 0.026 (0.66) 0.120 (3.04) 0.090 (2.29) 0.056 (1.42) 0.042 (1.07) 0.020 (0.51) MIN 0.180 (4.57) 0.165 (4.19) BOTTOM VIEW (PINS UP) 0.045 (1.14) 0.025 (0.64) R PIN 1 IDENTIFIER Figure 35. 28-Lead Plastic Leaded Chip Carrier [PLCC] (P-28) Dimensions shown in inches and (millimeters) |