Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5544BCPZ-R2 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5544BCPZ-R2
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5544BCPZ-R2 Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5544BCPZ-R2 Datasheet HTML 5Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 6Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD5544BCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5544/AD5554
Rev. G | Page 9 of 24
TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
26
26
VREFD
DAC D Reference Voltage Input Terminal. Establishes DAC D full-scale output voltage. This pin can be
tied to the VDD pin.
27
27
IOUTD
DAC D Current Output.
28
28
AGNDD
DAC D Analog Ground.
N/A
29
NC
Do not connect.
N/A
30
NC
Do not connect.
N/A
31
NC
Do not connect.
N/A
32
NC
Do not connect.
N/A
33
EPAD
Connect the exposed pad to AGNDx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24