Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD679JD Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD679JD
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD679JD Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD679JD Datasheet HTML 8Page - Analog Devices AD679JD Datasheet HTML 9Page - Analog Devices AD679JD Datasheet HTML 10Page - Analog Devices AD679JD Datasheet HTML 11Page - Analog Devices AD679JD Datasheet HTML 12Page - Analog Devices AD679JD Datasheet HTML 13Page - Analog Devices AD679JD Datasheet HTML 14Page - Analog Devices AD679JD Datasheet HTML 15Page - Analog Devices AD679JD Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD679
REV. D
–14–
OUTLINE DIMENSIONS
28-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-28)
Dimensions shown in inches and (millimeters)
28
114
15
0.610 (15.49)
0.580 (12.73)
PIN 1
0.100 (2.54)
MAX
0.005 (0.13)
MIN
SEATING
PLANE
0.026 (0.66)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.085 (2.16)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
1.490 (37.85) MAX
0.100 (2.54)
0.620 (15.75)
0.590 (14.99)
0.018 (0.46)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
28-Lead Plastic Dual In-Line Package [PDIP]
Wide Body
(N-28)
Dimensions shown in inches and (millimeters)
28
114
15
0.610 (15.49)
0.580 (12.73)
PIN 1
0.100 (2.54)
MAX
0.005 (0.13)
MIN
SEATING
PLANE
0.026 (0.66)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.085 (2.16)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
1.490 (37.85) MAX
0.100 (2.54)
0.620 (15.75)
0.590 (14.99)
0.018 (0.46)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16