Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBC21FTR Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STBC21FTR
Description  LI battery charger with thermal regulation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC21FTR Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STBC21FTR Datasheet HTML 31Page - STMicroelectronics STBC21FTR Datasheet HTML 32Page - STMicroelectronics STBC21FTR Datasheet HTML 33Page - STMicroelectronics STBC21FTR Datasheet HTML 34Page - STMicroelectronics STBC21FTR Datasheet HTML 35Page - STMicroelectronics STBC21FTR Datasheet HTML 36Page - STMicroelectronics STBC21FTR Datasheet HTML 37Page - STMicroelectronics STBC21FTR Datasheet HTML 38Page - STMicroelectronics STBC21FTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
STBC21
Charging parameters
Doc ID 023256 Rev 1
35/54
Table 25.
ISET2 (CV2) bit description
CV2-Iset2 Reg 07H
Bit1
ISET2 x 50% ON
1
ISET2 x 50% OFF
0
Table 26.
ISET2 (CV3) bit description
CV3-Iset2 Reg 07H
Bit2
ISET2 x 50% ON
1
ISET2 x 50% OFF
0
Table 27.
ISET2 (CV4) bit description
CV4-Iset2 Reg 07H
Bit3
ISET2 x 50% ON
1
ISET2 x 50% OFF
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54