Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD4933 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button SD4933_13 Datasheet HTML 9Page - STMicroelectronics SD4933_13 Datasheet HTML 10Page - STMicroelectronics SD4933_13 Datasheet HTML 11Page - STMicroelectronics SD4933_13 Datasheet HTML 12Page - STMicroelectronics SD4933_13 Datasheet HTML 13Page - STMicroelectronics SD4933_13 Datasheet HTML 14Page - STMicroelectronics SD4933_13 Datasheet HTML 15Page - STMicroelectronics SD4933_13 Datasheet HTML 16Page - STMicroelectronics SD4933_13 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID15487 Rev 8
13/17
SD4933
VGS/GFS sorts
17
7
VGS/GFS sorts
Table 9. VGS/GFS sorts
Marking
VGS(min)
VGS(max)
GFS(min)
GFS(max)
E6
2.50
2.75
10
11
E7
2.50
2.75
11
12
E8
2.50
2.75
12
13
E9
2.50
2.75
13
14
F6
2.75
3.00
10
11
F7
2.75
3.00
11
12
F8
2.75
3.00
12
13
F9
2.75
3.00
13
14
G6
3.00
3.25
10
11
G7
3.00
3.25
11
12
G8
3.00
3.25
12
13
G9
3.00
3.25
13
14
H6
3.25
3.50
10
11
H7
3.25
3.50
11
12
H8
3.25
3.50
12
13
H9
3.25
3.50
13
14
I6
3.50
3.75
10
11
I7
3.50
3.75
11
12
I8
3.50
3.75
12
13
I9
3.50
3.75
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17