Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64-DF Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce M24C64-DF
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DF Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button M24C64-DF Datasheet HTML 9Page - STMicroelectronics M24C64-DF Datasheet HTML 10Page - STMicroelectronics M24C64-DF Datasheet HTML 11Page - STMicroelectronics M24C64-DF Datasheet HTML 12Page - STMicroelectronics M24C64-DF Datasheet HTML 13Page - STMicroelectronics M24C64-DF Datasheet HTML 14Page - STMicroelectronics M24C64-DF Datasheet HTML 15Page - STMicroelectronics M24C64-DF Datasheet HTML 16Page - STMicroelectronics M24C64-DF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
M24C64-W M24C64-R M24C64-F M24C64-DF
Device operation
Doc ID 16891 Rev 27
13/42
4.5
Device addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 2(on Serial Data (SDA), most significant bit first).
When the device select code is received, the device only responds if the Chip Enable
address is the same as the value on its Chip Enable E2,E1,E0 inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the device select code, the device deselects itself from the bus, and goes into Standby
mode.
Table 2.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable address(2)(3)
2.
E0, E1 and E2 are compared with the value read on input pins E0,E1,and E2.
3.
For the 5-bump WLCSP package, (E0,E1,E2) inputs are internally connected to (0,0,1)
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
when addressing the
memory array
1010
E2
E1
E0
RW
Device select code
when accessing the
Identification page
1011
E2
E1
E0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42