Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM303DLHCTR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce LSM303DLHCTR
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHCTR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button LSM303DLHCTR Datasheet HTML 13Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 14Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 15Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 16Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 17Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 18Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 19Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 20Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
LSM303DLHC
Application hints
Doc ID 018771 Rev 1
17/42
4.3
Digital interface power supply
This digital interface, dedicated to the linear acceleration and to the magnetic field signal, is
capable of operating with a standard power supply (Vdd) or using a dedicated power supply
(Vdd_IO).
4.4
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS, and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com/mems.
4.5
High current wiring effects
High current in the wiring and printed circuit trace can be culprits in causing errors in
magnetic field measurements for compassing.
Conductor generated magnetic fields add to the Earth’s magnetic field, causing errors in
compass heading computation.
Keep currents higher than 10 mA a few millimeters further away from the sensor IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42