Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8536DS Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc

No de pièce MPC8536DS
Description  MPC8536E PowerQUICC III Integrated Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8536DS Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8536DS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8536DS Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 126 page
background image
MPC8536E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 5
Pin Assignments and Reset States
Freescale Semiconductor
8
Figure 6. Chip Pin Map Detail D
PCI1_
AD
[31]
GND
PCI1_
AD
[28]
HRESET_
REQ
GND
GND
GND
GND
GND
PCI1_
AD
[22]
IRQ
[3]
IIC1_
SCL
PCI1_
CLK
TMS
TDI
TDO
TCK
PCI1_
C_BE
[3]
PCI1_
IRDY
PCI1_
PAR
PCI1_
PERR
PCI1_
SERR
PCI1_
STOP
PCI1_
TRDY
PCI1_
DEVSEL
PCI1_
FRAME
PCI1_
IDSEL
IRQ
[1]
IRQ
[4]
IRQ
[5]
SD1_TX
[7]
HRESET
SRESET
RTC
TRST
GND
AGND_
SRDS
NC
NC
PCI1_
AD
[18]
PCI1_
AD
[20]
PCI1_
AD
[17]
PCI1_
AD
[27]
PCI1_
AD
[30]
PCI1_
AD
[29]
PCI1_
AD
[26]
PCI1_
AD
[25]
PCI1_
AD
[24]
PCI1_
AD
[23]
PCI1_
AD
[21]
PCI1_
AD
[19]
PCI1_
AD
[16]
PCI1_
AD
[15]
PCI1_
AD
[14]
PCI1_
AD
[13]
PCI1_
AD
[12]
PCI1_
AD
[11]
PCI1_
AD
[10]
PCI1_
AD
[9]
PCI1_
AD
[8]
PCI1_
AD
[7]
PCI1_
AD
[6]
PCI1_
AD
[5]
PCI1_
AD
[4]
PCI1_
AD
[3]
PCI1_
AD
[2]
PCI1_
AD
[1]
PCI1_
AD
[0]
PCI1_REQ
[4]/GPIO
[1]
PCI1_REQ
[3]/GPIO
[0]
PCI1_
REQ
[1]
PCI1_
REQ
[0]
PCI1_GNT
[3]/GPIO
[2]
PCI1_
GNT
[1]
PCI1_
GNT
[0]
IRQ
[2]
IRQ
[6]
IRQ
[7]
IRQ
[8]
SENSE-
VSS
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
XGND
XGND
XGND
XGND
XGND
XGND
GND
GND
GND
GND
GND
GND
GND
GND
GND
SENSE-
VDD_
PLAT
SENSE-
VDD_
CORE
AVDD_
SRDS
AVDD_
PCI1
AVDD_
DDR
AVDD_
PLAT
AVDD_
CORE
VDD_
PLAT
VDD_
PLAT
VDD_
PLAT
VDD_
PLAT
VDD_
PLAT
VDD_
CORE
VDD_
CORE
VDD_
CORE
XVDD
XVDD
XVDD
XVDD
XVDD
XVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
SVDD
OVDD
OVDD
OVDD
OVDD
OVDD
OVDD
OVDD
OVDD
OVDD
POWER_
EN
POWER_
OK
ASLEEP
LSSD_
MODE
L2_
TSTCLK
L1_
TSTCLK
CLK_
OUT
IIC1_
SDA
IIC2_
SCL
SD1_TX
[6]
SD1_TX
[5]
SD1_TX
[4]
SD1_TX
[3]
SD1_TX
[7]
SD1_TX
[6]
SD1_TX
[5]
SD1_TX
[4]
SD1_TX
[3]
SD1_RX
[7]
SD1_RX
[6]
SD1_RX
[5]
XVDD
SD1_RX
[4]
SD1_RX
[3]
SD1_RX
[2]
SD1_RX
[7]
SD1_RX
[6]
SD1_RX
[5]
SD1_RX
[4]
SD1_RX
[3]
SD1_RX
[2]
Rsvd
Rsvd
SD1_
PLL_
TPD
SD1_
REF_
CLK
SD1_
REF_
CLK
CKSTP_
IN
CKSTP_
OUT
TRIG_IN
TRIG_
OUT/READY
/QUIESCE
IRQ_
OUT
PCI1_
C_BE
[1]
PCI1_
C_BE
[2]
PCI1_
C_BE
[0]
SD1_
IMP_CAL
_TX
SD1_
PLL_
TPA
19
20
21
22
23
24
25
26
27
28
15
16
17
18
U
T
R
V
W
Y
AA
AB
AC
AD
AE
AF
AG
AH
DETAIL D
IRQ
[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More