Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC565MVR56 Fiches technique(PDF) 12 Page - Freescale Semiconductor, Inc

No de pièce MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Fiches technique(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
MPC565/MPC566 Product Brief
MOTOROLA
Additional MPC565 Differences
Figure 3. Internal Memory Block
CALRAM/
Readi Control
256 bytes
0x38 00FF
0x38 0100
Reserved (L-bus Control)
~32 Kbytes
4-Kbyte Overlay Section
0x30 7FFF
0x2F FFFF
0x30 0000
0x3F 6FFF
0x3F 7000
0x08 0000
0x3F 7FFF
0x3F 8000
0x00 0000
USIU & Flash Control
16 Kbytes
UIMB I/F & IMB
Modules
32 Kbytes
0x07 FFFF
0x10 0000
CALRAM_A
(32 Kbyte)
Reserved for Flash
(2,016 Kbytes)
0x2F BFFF
0x30 8000
0x37 FFFF
Reserved for IMB
480 Kbytes
Reserved (L-bus Mem)
444 Kbytes
0x38 4000
UC3F_B Flash
512 Kbytes
0x38 0000
0x38 3FFF
0x0F FFFF
UC3F_A Flash
512 Kbytes
0x2F C000
CALRAM_B
(4 Kbyte)
0x3F FFFF
All 4-Kbytes can be
0x2F 7FFF
Ox2F 8000
Overlay Section
0x30 0000
0x30 7FFF
DPTRAM_AB (6 Kbytes)
QSMCM_A (1 Kbytes)
MIOS14 (4 Kbytes)
TOUCAN_A (1 Kbytes)
TOUCAN_B (1 Kbytes)
UIMB Control Registers
(128 bytes)
TPU3_A (1 Kbytes)
TPU3_B (1 Kbytes)
QADC64_A (1 Kbytes)
QADC64_B (1 Kbytes)
DPTRAM_AB
Reserved (2 Kbytes)
USIU Control Registers
UC3F_A Control
UC3F_B Control
0x2F C000
0x2F C87F
QSMCM_B (1 Kbytes)
0x30 7900
0x30 7000
0x30 6000
0x30 5800
0x30 5400
0x30 4C00
0x30 4800
0x30 4400
0x30 4000
0x30 3800
0x30 2000
0x30 7400
DPTRAM_C (4 Kbytes)
0x30 1000
DPTRAM_C
0x30 0040
Reserved (1 Kbytes)
Reserved (896 bytes)
TPU3_C (1 Kbytes)
0x30 5C00
0x30 7800
DLCMD2 (16 bytes)
0x2F C800
0x2F C840
0x30 7F80
TOUCAN_C (1 Kbytes)
Reserved (3952 bytes)
0x30 0080
0x30 0090
0x30 5000
Registers (64 bytes)
Registers (64 bytes)
DECRAM
0x2F 8FFF
0x2F 9000
4 Kbytes
0x2F 9FFF
Reserved
BBC Control Registers
0x2F A000
8 Kbytes
(64 bytes)
(64 bytes)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16