Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373VC Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STM32F373VC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VC Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STM32F373VC Datasheet HTML 43Page - STMicroelectronics STM32F373VC Datasheet HTML 44Page - STMicroelectronics STM32F373VC Datasheet HTML 45Page - STMicroelectronics STM32F373VC Datasheet HTML 46Page - STMicroelectronics STM32F373VC Datasheet HTML 47Page - STMicroelectronics STM32F373VC Datasheet HTML 48Page - STMicroelectronics STM32F373VC Datasheet HTML 49Page - STMicroelectronics STM32F373VC Datasheet HTML 50Page - STMicroelectronics STM32F373VC Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
STM32F37x
Memory mapping
Doc ID 022691 Rev 3
47/128
Table 18.
STM32F37x peripheral register boundary addresses
Bus
Boundary address
Size
Peripheral
AHB2
0x4800 1400 - 0x4800 17FF
1KB
GPIOF
0x4800 1000 - 0x4800 13FF
1KB
GPIOE
0x4800 0C00 - 0x4800 0FFF
1KB
GPIOD
0x4800 0800 - 0x4800 0BFF
1KB
GPIOC
0x4800 0400 - 0x4800 07FF
1KB
GPIOB
0x4800 0000 - 0x4800 03FF
1KB
GPIOA
0x4002 4400 - 0x47FF FFFF
~128 MB
Reserved
AHB1
0x4002 4000 - 0x4002 43FF
1 KB
TSC
0x4002 3400 - 0x4002 3FFF
3 KB
Reserved
0x4002 3000 - 0x4002 33FF
1 KB
CRC
0x4002 2400 - 0x4002 2FFF
3 KB
Reserved
0x4002 2000 - 0x4002 23FF
1 KB
FLASH memory interface
0x4002 1400 - 0x4002 1FFF
3KB
Reserved
0x4002 1000 - 0x4002 13FF
1 KB
RCC
0x4002 0800- 0x4002 0FFF
2KB
Reserved
0x4002 0400 - 0x4002 07FF
1 KB
DMA2
0x4002 0000 - 0x4002 03FF
1 KB
DMA1
0x4001 6C00 - 0x4001 FFFF
37 KB
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More