| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F373CB Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373CB Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 128 page ![]() Introduction STM32F37x 8/128 Doc ID 022691 Rev 3 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F37x microcontrollers. This STM32F37x datasheet should be read in conjunction with the STM32F37x reference manual. The reference manual is available from the STMicroelectronics website www.st.com. For information on the Cortex™-M4F core please refer to the Cortex™-M4F Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.subset.cortexm.m4/index.html and also refer to the STM32F3xxx and STM32F4xxx Cortex-M4 programming manual (PM0214) at address: http://www.st.com/internet/com/TECHNICAL_RESOURCES/TECHNICAL_LITERATURE/ PROGRAMMING_MANUAL/DM00046982.pdf |