Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F372VC Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce STM32F372VC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VC Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button STM32F372VC Datasheet HTML 45Page - STMicroelectronics STM32F372VC Datasheet HTML 46Page - STMicroelectronics STM32F372VC Datasheet HTML 47Page - STMicroelectronics STM32F372VC Datasheet HTML 48Page - STMicroelectronics STM32F372VC Datasheet HTML 49Page - STMicroelectronics STM32F372VC Datasheet HTML 50Page - STMicroelectronics STM32F372VC Datasheet HTML 51Page - STMicroelectronics STM32F372VC Datasheet HTML 52Page - STMicroelectronics STM32F372VC Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
STM32F37x
Memory mapping
Doc ID 022691 Rev 3
49/128
APB1
0x4000 5800 - 0x4000 5BFF
1 KB
I2C2
0x4000 5400 - 0x4000 57FF
1 KB
I2C1
0x4000 4C00 - 0x4000 53FF
2KB
Reserved
0x4000 4800 - 0x4000 4BFF
1 KB
USART3
0x4000 4400 - 0x4000 47FF
1 KB
USART2
0x4000 4000 - 0x4000 43FF
1KB
Reserved
0x4000 3C00 - 0x4000 3FFF
1 KB
SPI3/I2S3
0x4000 3800 - 0x4000 3BFF
1 KB
SPI2/I2S2
0x4000 3400 - 0x4000 37FF
1KB
Reserved
0x4000 3000 - 0x4000 33FF
1 KB
IWWDG
0x4000 2C00 - 0x4000 2FFF
1 KB
WWDG
0x4000 2800 - 0x4000 2BFF
1 KB
RTC
0x4000 2400 - 0x4000 27FF
1KB
Reserved
0x4000 2000 - 0x4000 23FF
1 KB
TIM14
0x4000 1C00 - 0x4000 1FFF
1 KB
TIM13
0x4000 1800 - 0x4000 1BFF
1 KB
TIM12
0x4000 1400 - 0x4000 17FF
1 KB
TIM7
0x4000 1000 - 0x4000 13FF
1 KB
TIM6
0x4000 0C00 - 0x4000 0FFF
1 KB
TIM5
0x4000 0800 - 0x4000 0BFF
1 KB
TIM4
0x4000 0400 - 0x4000 07FF
1 KB
TIM3
0x4000 0000 - 0x4000 03FF
1 KB
TIM2
Table 18.
STM32F37x peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More