Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2575T-15 Fiches technique(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2575T-15
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-15 Fiches technique(HTML) 34 Page - Texas Instruments

Back Button LM2575T-15 Datasheet HTML 30Page - Texas Instruments LM2575T-15 Datasheet HTML 31Page - Texas Instruments LM2575T-15 Datasheet HTML 32Page - Texas Instruments LM2575T-15 Datasheet HTML 33Page - Texas Instruments LM2575T-15 Datasheet HTML 34Page - Texas Instruments LM2575T-15 Datasheet HTML 35Page - Texas Instruments LM2575T-15 Datasheet HTML 36Page - Texas Instruments LM2575T-15 Datasheet HTML 37Page - Texas Instruments LM2575T-15 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM2575HVMX-5.0
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
LM2575HVMX-5.0/NOPB
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
LM2575HVSX-15
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-15/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-3.3
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-3.3/NOPB DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-5.0
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-5.0/NOPB DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-ADJ
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575HVSX-ADJ/NOPB DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LM2575MX-5.0
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
LM2575MX-5.0/NOPB
SOIC
DW
24
1000
330.0
24.4
10.8
15.9
3.2
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44