Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2902MX Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LP2902MX
Description  LP324-N/LP2902-N Micropower Quad Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP2902MX Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LP2902MX Datasheet HTML 7Page - Texas Instruments LP2902MX Datasheet HTML 8Page - Texas Instruments LP2902MX Datasheet HTML 9Page - Texas Instruments LP2902MX Datasheet HTML 10Page - Texas Instruments LP2902MX Datasheet HTML 11Page - Texas Instruments LP2902MX Datasheet HTML 12Page - Texas Instruments LP2902MX Datasheet HTML 13Page - Texas Instruments LP2902MX Datasheet HTML 14Page - Texas Instruments LP2902MX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LP2902M
ACTIVE
SOIC
D
14
55
TBD
Call TI
Call TI
-40 to 85
LP2902M
LP2902M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LP2902M
LP2902MX
ACTIVE
SOIC
D
14
2500
TBD
Call TI
Call TI
-40 to 85
LP2902M
LP2902MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
LP2902M
LP2902N/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 85
LP2902N
LP2902N/PB
ACTIVE
PDIP
NFF
14
25
TBD
Call TI
Call TI
LP2902N
LP324M
ACTIVE
SOIC
D
14
55
TBD
Call TI
Call TI
0 to 70
LP324M
LP324M/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LP324M
LP324MT
ACTIVE
TSSOP
PW
14
94
TBD
Call TI
Call TI
0 to 70
LP324
MT
LP324MT/NOPB
ACTIVE
TSSOP
PW
14
94
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LP324
MT
LP324MTX
ACTIVE
TSSOP
PW
14
2500
TBD
Call TI
Call TI
0 to 70
LP324
MT
LP324MTX/NOPB
ACTIVE
TSSOP
PW
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LP324
MT
LP324MX
ACTIVE
SOIC
D
14
2500
TBD
Call TI
Call TI
0 to 70
LP324M
LP324MX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
LP324M
LP324N/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 70
LP324N
LP324N/PB
ACTIVE
PDIP
NFF
14
25
TBD
Call TI
Call TI
LP324N
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18