| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2902M/NOPB Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2902M/NOPB Fiches technique(HTML) 11 Page - Texas Instruments |
|
11 / 18 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP2902M ACTIVE SOIC D 14 55 TBD Call TI Call TI -40 to 85 LP2902M LP2902M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LP2902M LP2902MX ACTIVE SOIC D 14 2500 TBD Call TI Call TI -40 to 85 LP2902M LP2902MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LP2902M LP2902N/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 85 LP2902N LP2902N/PB ACTIVE PDIP NFF 14 25 TBD Call TI Call TI LP2902N LP324M ACTIVE SOIC D 14 55 TBD Call TI Call TI 0 to 70 LP324M LP324M/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LP324M LP324MT ACTIVE TSSOP PW 14 94 TBD Call TI Call TI 0 to 70 LP324 MT LP324MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LP324 MT LP324MTX ACTIVE TSSOP PW 14 2500 TBD Call TI Call TI 0 to 70 LP324 MT LP324MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LP324 MT LP324MX ACTIVE SOIC D 14 2500 TBD Call TI Call TI 0 to 70 LP324M LP324MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LP324M LP324N/NOPB ACTIVE PDIP NFF 14 25 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM 0 to 70 LP324N LP324N/PB ACTIVE PDIP NFF 14 25 TBD Call TI Call TI LP324N (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. |