Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103xC Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM32F103xC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103xC Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM32F103xC Datasheet HTML 26Page - STMicroelectronics STM32F103xC Datasheet HTML 27Page - STMicroelectronics STM32F103xC Datasheet HTML 28Page - STMicroelectronics STM32F103xC Datasheet HTML 29Page - STMicroelectronics STM32F103xC Datasheet HTML 30Page - STMicroelectronics STM32F103xC Datasheet HTML 31Page - STMicroelectronics STM32F103xC Datasheet HTML 32Page - STMicroelectronics STM32F103xC Datasheet HTML 33Page - STMicroelectronics STM32F103xC Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 130 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
30/130
Doc ID 14611 Rev 8
Table 5.
High-density STM32F103xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
A3
A3
-
-
1
1
PE2
I/O FT
PE2
TRACECK/ FSMC_A23
A2
B3
-
-
2
2
PE3
I/O FT
PE3
TRACED0/FSMC_A19
B2
C3
-
-
3
3
PE4
I/O FT
PE4
TRACED1/FSMC_A20
B3
D3
-
-
4
4
PE5
I/O FT
PE5
TRACED2/FSMC_A21
B4
E3
-
-
5
5
PE6
I/O FT
PE6
TRACED3/FSMC_A22
C2
B2 C6
1
6
6
VBAT
SVBAT
A1
A2 C8
2
7
7
PC13-TAMPER-
RTC(5)
I/O
PC13(6)
TAMPER-RTC
B1
A1 B8
3
8
8
PC14-
OSC32_IN(5)
I/O
PC14(6)
OSC32_IN
C1
B1 B7
4
9
9
PC15-
OSC32_OUT(5)
I/O
PC15(6)
OSC32_OUT
C3
-
-
-
-
10
PF0
I/O FT
PF0
FSMC_A0
C4
-
-
-
-
11
PF1
I/O FT
PF1
FSMC_A1
D4
-
-
-
-
12
PF2
I/O FT
PF2
FSMC_A2
E2
-
-
-
-
13
PF3
I/O FT
PF3
FSMC_A3
E3
-
-
-
-
14
PF4
I/O FT
PF4
FSMC_A4
E4
-
-
-
-
15
PF5
I/O FT
PF5
FSMC_A5
D2
C2
-
-
10 16
VSS_5
SVSS_5
D3
D2
-
-
11 17
VDD_5
SVDD_5
F3
-
-
-
-
18
PF6
I/O
PF6
ADC3_IN4/FSMC_NIORD
F2
-
-
-
-
19
PF7
I/O
PF7
ADC3_IN5/FSMC_NREG
G3
-
-
-
-
20
PF8
I/O
PF8
ADC3_IN6/FSMC_NIOWR
G2
-
-
-
-
21
PF9
I/O
PF9
ADC3_IN7/FSMC_CD
G1
-
-
-
-
22
PF10
I/O
PF10
ADC3_IN8/FSMC_INTR
D1
C1 D8
5
12 23
OSC_IN
I
OSC_IN
E1
D1 D7
6
13 24
OSC_OUT
O
OSC_OUT
F1
E1 C7
7
14 25
NRST
I/O
NRST
H1
F1 E8
8
15 26
PC0
I/O
PC0
ADC123_IN10
H2
F2
F8
9
16 27
PC1
I/O
PC1
ADC123_IN11
H3
E2 D6 10 17 28
PC2
I/O
PC2
ADC123_IN12
H4
F3
-
11 18 29
PC3
I/O
PC3
ADC123_IN13
J1
G1 E7 12 19 30
VSSA
SVSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More