Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S103F3M3 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM8S103F3M3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3M3 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM8S103F3M3 Datasheet HTML 20Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 21Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 22Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 23Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 24Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 25Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 26Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 27Page - STMicroelectronics STM8S103F3M3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
STM8S103Fx TSSOP20/SO20/UFQFPN20 pinout and pin
description
5.2
STM8S103Fx TSSOP20/SO20 pinout
5.2.1
Figure 5: STM8S103Fx TSSOP20/SO20 pinout
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
UART1_CK/TIM2_CH1/BEEP/(HS) PD4
NRST
VDD
VCAP
VSS
OSCOUT/PA2
PD3 (HS)/AIN4/TIM2_CH2/ADC_ETR
PD1 (HS)/SWIM
PB4 (T)/I2C_SCL [ADC_ETR]
PC3 (HS)/TIM1_CH3 [TLI] [TIM1_CH1N]
PC4 (HS)/TIM1_CH4/CLK_CCO/AIN2 [TIM1_CH2N]
PC5 (HS)/SPI_SCK [TIM2_CH1]
12
11
9
10
[SPI_NSS] TIM2_CH3/(HS) PA3
PD2 (HS)/AIN3 [TIM2_CH3]
OSCIN/PA1
PB5 (T)/I2C_SDA [TIM1_BKIN]
UART1_TX/AIN5/(HS) PD5
UART1_RX/AIN6/(HS) PD6
PC6 (HS)/SPI_MOSI [TIM1_CH1]
PC7 (HS)/SPI_MISO [TIM1_CH2]
1. HS high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (If the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
DocID15441 Rev 9
24/117
STM8S103K3 STM8S103F3 STM8S103F2
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More