Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY7C1327G Fiches technique(PDF) 15 Page - Cypress Semiconductor

No de pièce CY7C1327G
Description  4-Mbit (256 K x 18) Pipelined Sync SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G Fiches technique(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C1327G_13 Datasheet HTML 11Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 12Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 13Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 14Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 15Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 16Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 17Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 18Page - Cypress Semiconductor CY7C1327G_13 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
CY7C1327G
Document Number: 38-05519 Rev. *M
Page 15 of 23
Figure 5. Read/Write Cycle Timing [21, 22, 23]
Switching Waveforms (continued)
tCYC
tCL
CLK
ADSP
tADH
tADS
ADDRESS
tCH
OE
ADSC
CE
tAH
tAS
A2
tCEH
tCES
BWE,
BW [A:B]
Data Out (Q)
High-Z
ADV
Single WRITE
D(A3)
A4
A5
A6
D(A5)
D(A6)
Data In (D)
BURST READ
Back-to-Back READs
High-Z
Q(A2)
Q(A1)
Q(A4)
Q(A4+1)
Q(A4+2)
tWEH
tWES
Q(A4+3)
tOEHZ
tDH
tDS
tOELZ
tCLZ
tCO
Back-to-Back
WRITEs
A1
DON’T CARE
UNDEFINED
A3
Notes
21. On this diagram, when CE is LOW: CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH: CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
22. The data bus (Q) remains in high Z following a WRITE cycle, unless a new read access is initiated by ADSP or ADSC.
23. GW is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com