Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OMAP3530ECBB72 Fiches technique(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
No de pièce OMAP3530ECBB72
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Fiches technique(HTML) 74 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 70Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 71Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 72Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 73Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 74Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 75Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 76Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 77Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
gpio_74
4
IO
safe_mode
7
AC21
dss_data5
0
IO
L
L
7
vdds
No
4
PU/ PD
LVCMOS
uart3_tx_ irtx
2
O
gpio_75
4
IO
safe_mode
7
D24
dss_data6
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_tx
2
O
gpio_76
4
IO
safe_mode
7
E23
dss_data7
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
uart1_rx
2
I
gpio_77
4
IO
safe_mode
7
E24
dss_data8
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_78
4
IO
safe_mode
7
F23
dss_data9
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_79
4
IO
safe_mode
7
AC22
dss_data10
0
IO
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
gpio_80
4
IO
safe_mode
7
AC23
dss_data11
0
IO
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
gpio_81
4
IO
safe_mode
7
AB22
dss_data12
0
IO
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
gpio_82
4
IO
safe_mode
7
Y22
dss_data13
0
IO
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
gpio_83
4
IO
safe_mode
7
W22
dss_data14
0
IO
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
gpio_84
4
IO
safe_mode
7
V22
dss_data15
0
IO
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
gpio_85
4
IO
safe_mode
7
J22
dss_data16
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_86
4
IO
safe_mode
7
G23
dss_data17
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_87
4
IO
safe_mode
7
G24
dss_data18
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_clk
2
IO
dss_data0
3
IO
gpio_88
4
IO
safe_mode
7
H23
dss_data19
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_ simo 2
IO
dss_data1
3
IO
gpio_89
4
IO
safe_mode
7
TERMINAL DESCRIPTION
74
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More