| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Note: The pullup/pulldown drive strength is equal to 100 µA except for CBB balls P27, P26, R27, and R25 and CUS balls N22, N21, N20, and P24, which the pulldown drive strength is equal to 1.8 k Ω. 13. IO CELL: IO cell information. Note: Configuring two pins to the same input signal is not supported as it can yield unexpected results. This can be easily prevented with the proper software configuration. Table 2-1. Ball Characteristics (CBB Pkg.)(1) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] D6 J2 sdrc_d0 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C6 J1 sdrc_d1 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B6 G2 sdrc_d2 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C8 G1 sdrc_d3 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C9 F2 sdrc_d4 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A7 F1 sdrc_d5 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B9 D2 sdrc_d6 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A9 D1 sdrc_d7 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C14 B13 sdrc_d8 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B14 A13 sdrc_d9 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C15 B14 sdrc_d10 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B16 A14 sdrc_d11 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D17 B16 sdrc_d12 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C17 A16 sdrc_d13 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B17 B19 sdrc_d14 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D18 A19 sdrc_d15 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D11 B3 sdrc_d16 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B10 A3 sdrc_d17 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C11 B5 sdrc_d18 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D12 A5 sdrc_d19 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C12 B8 sdrc_d20 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A11 A8 sdrc_d21 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B13 B9 sdrc_d22 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D14 A9 sdrc_d23 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C18 B21 sdrc_d24 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A19 A21 sdrc_d25 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B19 D22 sdrc_d26 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B20 D23 sdrc_d27 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS D20 E22 sdrc_d28 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS A21 E23 sdrc_d29 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS B21 G22 sdrc_d30 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS C21 G23 sdrc_d31 0 IO L Z 0 vdds_ mem Yes 4 PU/ PD LVCMOS H9 AB21 sdrc_ba0 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS H10 AC21 sdrc_ba1 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS A4 N22 sdrc_a0 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS B4 N23 sdrc_a1 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS B3 P22 sdrc_a2 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS C5 P23 sdrc_a3 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS C4 R22 sdrc_a4 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS D5 R23 sdrc_a5 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS C3 T22 sdrc_a6 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS C2 T23 sdrc_a7 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS C1 U22 sdrc_a8 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS D4 U23 sdrc_a9 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS D3 V22 sdrc_a10 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS D2 V23 sdrc_a11 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS (1) NA in this table stands for "Not Applicable". TERMINAL DESCRIPTION 28 Submit Documentation Feedback |