Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM829ECT713 Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce TCM829ECT713
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829ECT713 Fiches technique(HTML) 9 Page - Microchip Technology

Back Button TCM829ECT713 Datasheet HTML 5Page - Microchip Technology TCM829ECT713 Datasheet HTML 6Page - Microchip Technology TCM829ECT713 Datasheet HTML 7Page - Microchip Technology TCM829ECT713 Datasheet HTML 8Page - Microchip Technology TCM829ECT713 Datasheet HTML 9Page - Microchip Technology TCM829ECT713 Datasheet HTML 10Page - Microchip Technology TCM829ECT713 Datasheet HTML 11Page - Microchip Technology TCM829ECT713 Datasheet HTML 12Page - Microchip Technology TCM829ECT713 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 9
TCM828/TCM829
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
TCM828/TCM829
SOT-23
Symbol
Function
1
OUT
Inverting charge pump output
2VIN
Positive power supply input
3C1
-
Commutation capacitor negative terminal
4
GND
Ground
5C1
+
Commutation capacitor positive terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26