Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270VR Fiches technique(PDF) 53 Page - Freescale Semiconductor, Inc

No de pièce MPC8270VR
Description  MPC8280 PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270VR Fiches technique(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC8270VR Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8270VR Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
53
Pinout
LCL_D9/AD9
L26
LCL_D10/AD10
L25
LCL_D11/AD11
M29
LCL_D12/AD12
M28
LCL_D13/AD13
M27
LCL_D14/AD14
M26
LCL_D15/AD15
N29
LCL_D16/AD16
T25
LCL_D17/AD17
U27
LCL_D18/AD18
U26
LCL_D19/AD19
U25
LCL_D20/AD20
V29
LCL_D21/AD21
V28
LCL_D22/AD22
V27
LCL_D23/AD23
V26
LCL_D24/AD24
W27
LCL_D25/AD25
W26
LCL_D26/AD26
W25
LCL_D27/AD27
Y29
LCL_D28/AD28
Y28
LCL_D29/AD29
Y25
LCL_D30/AD30
AA29
LCL_D31/AD31
AA28
LCL_DP0/C0/BE0
L28
LCL_DP1/C1/BE1
N28
LCL_DP2/C2/BE2
T28
LCL_DP3/C3/BE3
W28
IRQ0/NMI_OUT
T1
IRQ7/INT_OUT/APE
D1
TRST1
AH3
TCK
AG5
TMS
AJ3
TDI
AE6
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83