Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 28 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  MPC8280 PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
28
Freescale Semiconductor
Clock Configuration Modes
0001_001
50.0
167.0
2
100.0
334.0
5
250.0
835.0
0001_010
50.0
145.8
2
100.0
291.7
6
300.0
875.0
0001_011
Reserved
0001_100
Reserved
0001_101
37.5
133.3
3
112.5
400.0
4
150.0
533.3
0001_110
33.3
133.3
3
100.0
400.0
5
166.7
666.7
1000_111
33.3
133.3
3
100.0
400.0
5.5
183.3
733.3
0001_111
33.3
133.3
3
100.0
400.0
6
200.0
800.0
0010_000
Reserved
0010_001
Reserved
0010_010
37.5
100.0
4
150.0
400.0
4
150.0
400.0
0010_011
30.0
100.0
4
120.0
400.0
5
150.0
500.0
0010_100
25.0
100.0
4
100.0
400.0
6
150.0
600.0
0010_101
25.0
100.0
4
100.0
400.0
7
175.0
700.0
0010_110
25.0
100.0
4
100.0
400.0
8
200.0
800.0
0010_111
Reserved
0011_000
30.0
80.0
5
150.0
400.0
5
150.0
400.0
0011_001
25.0
80.0
5
125.0
400.0
6
150.0
480.0
0011_010
25.0
80.0
5
125.0
400.0
7
175.0
560.0
0011_011
25.0
80.0
5
125.0
400.0
8
200.0
640.0
0011_100
Reserved
0011_101
Reserved
0011_110
25.0
66.7
6
150.0
400.0
6
150.0
400.0
0011_111
25.0
66.7
6
150.0
400.0
7
175.0
466.7
0100_000
25.0
66.7
6
150.0
400.0
8
200.0
533.3
0101_101
75.0
167.0
2
150.0
334.0
2
166.7
334.0
0101_110
60.0
167.0
2
120.0
334.0
2.5
166.7
417.5
0101_111
50.0
167.0
2
100.0
334.0
3
200.0
501.0
Table 18. Clock Configurations for Local Bus Mode1 (continued)
Mode2
Bus Clock3
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
MODCK_H-MODCK[1:3]
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83