| Moteur de recherche de fiches techniques de composants électroniques |
|
AF2GSSEL Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AF2GSSEL Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers |
|
11 / 20 page ![]() Version 2.0 ATP Industrial Grade SlimSATA Embedded Module Specification 2.8 Certification Table 2-11 Mark/Approval Documentation Compliant The CE marking (also known as CE mark) is a mandatory conformance mark on many products placed on the single market in the European Economic Area (EEA). The CE marking certifies that a product has met EU consumer safety, health or environmental requirements. CE stands for Conformité Européenne, "European conformity" in French. Yes FCC Part 15 Class B was used for Evolution of United States (US) Emission Standards for Commercial Electronic Products, The United States (US) covers all types of unintentional radiators under Subparts A and B (Sections 15.1 through 15.199) of FCC 47 CFR Part 15, usually called just FCC Part 15 Yes RoHS is the acronym for Restriction of Hazardous Substances. RoHS, also known as Directive 2002/95/EC, originated in the European Union and restricts the use of specific hazardous materials found in electrical and electronic products. All applicable products in the EU market after July 1, 2006 must pass RoHS compliance. For the complete directive, see Directive 2002/95/EC of the European Parliament. Yes Y Yoouurr U Ullttiim maattee M Meem moorryy S Soolluuttiioonn!! 11 ATP Confidential &Proprietary |