Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC2932BW Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STAC2932BW
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2932BW Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STAC2932BW Datasheet HTML 6Page - STMicroelectronics STAC2932BW Datasheet HTML 7Page - STMicroelectronics STAC2932BW Datasheet HTML 8Page - STMicroelectronics STAC2932BW Datasheet HTML 9Page - STMicroelectronics STAC2932BW Datasheet HTML 10Page - STMicroelectronics STAC2932BW Datasheet HTML 11Page - STMicroelectronics STAC2932BW Datasheet HTML 12Page - STMicroelectronics STAC2932BW Datasheet HTML 13Page - STMicroelectronics STAC2932BW Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Marking, packing and shipping specifications
STAC2932B
12/14
Doc ID 15497 Rev 5
7
Marking, packing and shipping specifications
Figure 12.
Marking layout
Table 9.
Packing and shipping specifications
Order code
Packaging
Pcs per tray
Dry pack
humidity
Lot code
STAC2932BW
Tray
20
< 10 %
Not mixed
Table 10.
Marking specifications
Symbol
Description
W
Wafer process code
CZ
Assembly plant
xxx
Last 3 digit of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assembly year
yy
Assembly week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14