Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6720 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STM6720
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6720 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STM6720 Datasheet HTML 21Page - STMicroelectronics STM6720 Datasheet HTML 22Page - STMicroelectronics STM6720 Datasheet HTML 23Page - STMicroelectronics STM6720 Datasheet HTML 24Page - STMicroelectronics STM6720 Datasheet HTML 25Page - STMicroelectronics STM6720 Datasheet HTML 26Page - STMicroelectronics STM6720 Datasheet HTML 27Page - STMicroelectronics STM6720 Datasheet HTML 28Page - STMicroelectronics STM6720 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Package mechanical data
Doc ID 11469 Rev 8
25/30
Figure 30.
Carrier tape for SOT23-5L and SOT23-6L
Note:
Part pin 1 indicator is on bottom left for shipping method “F” and is on top right for shipping
method “R” see Section 7.
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 10.
Carrier tape dimensions for SOT23-5L and SOT23-6L
Package
W
D
E
P0
P2
FA0
B0
K0
P1
TUnit
Bulk
Qty
SOT23-5
SOT23-6
8.00
+0.30/
–0.10
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
3.50
±0.05
3.23
±0.10
3.17
±0.10
1.37
±0.10
4.00
±0.10
0.254
±0.013
mm 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30