| Moteur de recherche de fiches techniques de composants électroniques |
|
TS922AIYST Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS922AIYST Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 24 page ![]() DocID5150 Rev 11 5/24 TS922, TS922A Absolute maximum ratings and operating conditions 24 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.7 to 12 V Vicm Common mode input voltage range VCC- -0.2 to VCC+ +0.2 Toper Operating free air temperature range -40 to +125 °C |