| Moteur de recherche de fiches techniques de composants électroniques |
|
M93C66M93C66-R Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C66M93C66-R Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 33 page ![]() DocID4997 Rev 13 23/33 M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx DC and AC parameters Table 17. AC characteristics (M93Cx6, device grade 6) Test conditions specified in Table 8 and Table 11 Symbol Alt. Parameter Min. Max. Unit fC fSK Clock frequency D.C. 2 MHz tSLCH Chip Select low to Clock high 50 ns tSHCH tCSS Chip Select setup time M93C46, M93C56, M93C66 50 ns Chip Select setup time M93C76, M93C86 50 ns tSLSH(1) 1. Chip Select Input (S) must be brought low for a minimum of tSLSH between consecutive instruction cycles. tCS Chip Select low to Chip Select high 200 ns tCHCL(2) 2. tCHCL + tCLCH ≥ 1 / fC. tSKH Clock high time 200 ns tCLCH(2) tSKL Clock low time 200 ns tDVCH tDIS Data in setup time 50 ns tCHDX tDIH Data in hold time 50 ns tCLSH tSKS Clock setup time (relative to S) 50 ns tCLSL tCSH Chip Select hold time 0 ns tSHQV tSV Chip Select to READY/BUSY status 200 ns tSLQZ tDF Chip Select low to output Hi-Z 100 ns tCHQL tPD0 Delay to output low 200 ns tCHQV tPD1 Delay to output valid 200 ns tW tWP Erase or Write cycle time 5 ms |