Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F050K4U6A Fiches technique(PDF) 83 Page - STMicroelectronics

No de pièce STM32F050K4U6A
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050K4U6A Fiches technique(HTML) 83 Page - STMicroelectronics

Back Button STM32F050K4U6A Datasheet HTML 79Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 80Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 81Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 82Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 83Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 84Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 85Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 86Page - STMicroelectronics STM32F050K4U6A Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
STM32F050xx
Electrical characteristics
Doc ID 023683 Rev 1
83/97
Figure 30.
I2S slave timing diagram (Philips protocol)
1.
Measurement points are done at CMOS levels: 0.3 × VDD and 0.7 × VDD.
2.
LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
Figure 31.
I2S master timing diagram (Philips protocol)
1.
Data based on characterization results, not tested in production.
2.
LSB transmit/receive of the previously transmitted byte. No LSB transmit/receive is sent before the first
byte.
CPOL = 0
CPOL = 1
tc(CK)
WS input
SDtransmit
SDreceive
tw(CKH)
tw(CKL)
tsu(WS)
tv(SD_ST)
th(SD_ST)
th(WS)
tsu(SD_SR)
th(SD_SR)
MSB receive
Bitn receive
LSB receive
MSB transmit
Bitn transmit
LSB transmit
ai14881b
LSB receive(2)
LSB transmit(2)
CPOL = 0
CPOL = 1
tc(CK)
WS output
SDreceive
SDtransmit
tw(CKH)
tw(CKL)
tsu(SD_MR)
tv(SD_MT)
th(SD_MT)
th(WS)
th(SD_MR)
MSB receive
Bitn receive
LSB receive
MSB transmit
Bitn transmit
LSB transmit
ai14884b
tf(CK)
tr(CK)
tv(WS)
LSB receive(2)
LSB transmit(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97