Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F050C6 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM32F050C6
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050C6 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM32F050C6 Datasheet HTML 24Page - STMicroelectronics STM32F050C6 Datasheet HTML 25Page - STMicroelectronics STM32F050C6 Datasheet HTML 26Page - STMicroelectronics STM32F050C6 Datasheet HTML 27Page - STMicroelectronics STM32F050C6 Datasheet HTML 28Page - STMicroelectronics STM32F050C6 Datasheet HTML 29Page - STMicroelectronics STM32F050C6 Datasheet HTML 30Page - STMicroelectronics STM32F050C6 Datasheet HTML 31Page - STMicroelectronics STM32F050C6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
Pinouts and pin description
STM32F050xx
28/97
Doc ID 023683 Rev 1
29
18
18
-
PA8
I/O
FT
USART1_CK,
TIM1_CH1,
EVENTOUT,
MCO
30
19
19
17
PA9
I/O
FTf
USART1_TX,
TIM1_CH2,
I2C1_SCL(3)
31
20
20
18
PA10
I/O
FTf
USART1_RX,
TIM1_CH3,
TIM17_BKIN,
I2C1_SDA(3)
32
21
-
-
PA11
I/O
FT
USART1_CTS,
TIM1_CH4,
EVENTOUT
33
22
-
-
PA12
I/O
FT
USART1_RTS,
TIM1_ETR,
EVENTOUT
34
23
21
19
PA13
(SWDAT)
I/O
FT
(4)
IR_OUT,
SWDAT
35
-
-
-
PF6
I/O
FTf
I2C1_SCL(3)
36
-
-
-
PF7
I/O
FTf
I2C1_SDA(3)
37
24
22
20
PA14
(SWCLK)
I/O
FT
(4)
SWCLK,
USART1_TX(3)
38
25
23
-
PA15
I/O
FT
SPI1_NSS,
I2S1_WS,
TIM2_CH_ETR,
EVENTOUT,
USART1_RX(3)
39
26
24
-
PB3
I/O
FT
SPI1_SCK,
I2S1_CK,
TIM2_CH2,
EVENTOUT
40
27
25
-
PB4
I/O
FT
SPI1_MISO,
I2S1_MCK,
TIM3_CH1,
EVENTOUT
Table 8.
Pin definitions (continued)
Pin number
Pin name
(function after
reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97