Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STI12N65M5 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STI12N65M5
Description  N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI12N65M5 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STI12N65M5 Datasheet HTML 9Page - STMicroelectronics STI12N65M5 Datasheet HTML 10Page - STMicroelectronics STI12N65M5 Datasheet HTML 11Page - STMicroelectronics STI12N65M5 Datasheet HTML 12Page - STMicroelectronics STI12N65M5 Datasheet HTML 13Page - STMicroelectronics STI12N65M5 Datasheet HTML 14Page - STMicroelectronics STI12N65M5 Datasheet HTML 15Page - STMicroelectronics STI12N65M5 Datasheet HTML 16Page - STMicroelectronics STI12N65M5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STD/F/I/P/U12N65M5
Package mechanical data
Doc ID 15428 Rev 5
13/23
Table 9.
IPAK (TO-251) mechanical data
DIM.
mm.
min.
typ
max.
A
2.20
2.40
A1
0.90
1.10
b
0.64
0.90
b2
0.95
b4
5.20
5.40
B5
0.3
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
E
6.40
6.60
e2.28
e1
4.40
4.60
H
16.10
L
9.00
9.40
L1
0.80
1.20
L2
0.80
1.00
V1
10 o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23