Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F050K4 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM32F050K4
Description  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050K4 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM32F050K4 Datasheet HTML 26Page - STMicroelectronics STM32F050K4 Datasheet HTML 27Page - STMicroelectronics STM32F050K4 Datasheet HTML 28Page - STMicroelectronics STM32F050K4 Datasheet HTML 29Page - STMicroelectronics STM32F050K4 Datasheet HTML 30Page - STMicroelectronics STM32F050K4 Datasheet HTML 31Page - STMicroelectronics STM32F050K4 Datasheet HTML 32Page - STMicroelectronics STM32F050K4 Datasheet HTML 33Page - STMicroelectronics STM32F050K4 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
Table 9.
Alternate functions selected through GPIOA_AFR registers for port A
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
USART1_CKS(1)
TIM2_CH1_
ETR
PA1
EVENTOUT
USART1_TX(1)
TIM2_CH2
PA2
USART1_RX(1)
TIM2_CH3
PA3
USART1_CTS(1)
TIM2_CH4
PA4
SPI1_NSS,
I2S1_WS
USART1_RTS(1)
TIM14_CH1
PA5
SPI1_SCK,
I2S1_CK
TIM2_CH1_
ETR
PA6
SPI1_MISO,
I2S1_MCK
TIM3_CH1
TIM1_BKIN
TIM16_CH1
EVENTOUT
PA7
SPI1_MOSI,
I2S1_SD
TIM3_CH2
TIM1_CH1N
TIM14_CH1
TIM17_CH1
EVENTOUT
PA8
MCO
USART1_CK
TIM1_CH1
EVENTOUT
PA9
USART1_TX
TIM1_CH2
I2C1_SCL(1)
PA10
TIM17_BKIN
USART1_RX
TIM1_CH3
I2C1_SDA(1)
PA11
EVENTOUT
USART1_CTS
TIM1_CH4
PA12
EVENTOUT
USART1_RTS
TIM1_ETR
PA13
SWDAT
IR_OUT
PA14
SWCLK
USART1_TX(1)
PA15
SPI1_NSS,
I2S1_WS
USART1_RX(1)
TIM2_CH1_
ETR
EVENTOUT
1.
This alternate feature is available on standard dies only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97